Part Number Hot Search : 
TSOP1130 KC818A PM2301 P125T 8162Z C5200 TZQ5235B BM15A000
Product Description
Full Text Search
 

To Download RFCARDHITAG2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RFID PROXIMITY ACCESS CONTROL
Features * Complete Proximity Access System Kit * Transponder Cards Read Up To 4 Inches Range
With Internal Aerial.
RFID231C-SYS
*
System Includes q Control & Sensor Units q 10 Transponder Cards. q Power Supply Unit q Connecting Cable q Door Strike q All Screws & Fixings Exit Switch Option Programmable up to 50 Cards. Led Indicators For Power & Accept/Reject. Relay Contacts 2A@12Vdc. User Programmable Relay, 0.5 Secs To 10 Mins Easy Learn, Erase Cards Via Internal Switch. RS232 Serial Coms to PC. Real Time Data Logging Output.
* * * * * * * *
Description
The RFID Proximity Access System provides controlled access to premises by means of high-security transponder card technology. These are similar to credit cards in size and appearance, but no physical contact is required with the reader for the card to be scanned. When an authorised card is placed within 4 inches of the sensor, the relay output will operate for a preset time. The system consists of a control unit and a remote sensor unit that can be fitted to the outside of a building. The control unit simply requires power and relay connections to operate. The sensor unit connects to the control unit with the cable provided. The system has the capacity to learn up to 50 transponder cards. Programming is achieved using either a pushbutton inside the control unit, or from PC connected to the Control Unit RS232 serial port (only two connections required). Connection to a PC enables many other functions including; control of the relay output from the PC, data logging information of which transponder card has operated the system. The system is supplied in an ABS plastic enclosures and are IP65 rated.
Block diagram
Internal Antenna Internal Antenna
Control Unit
External Sensor Unit
Card Reader
Relay Output
RS232 Interface
DS231_1 Mar 2000
(c)2000 REG No 277 4001, ENGLAND.
Page 1
RFID PROXIMITY ACCESS CONTROL
System Installation
RFID231C-SYS
A full installation guide is provided with the system (DS000230). This is also available from our website.
Technical specification Features Protocol User Range Maximum No of Cards User feedback Programming Features Relay output Relay Operation Time PC Interface PC Commands Data Logging Output Mounting Environmental Protection Enclosure Material Power Supply: UK Version Power Supply: INTL Version Power Consumption Dimensions Operating Temp Storage Temp Specification Hitag2 Upto 15cm 50 LED Yes 2A @ 12Vdc 1/2 Sec - 10 mins RS232 9 Yes Wall or Pole IP65 ABS UK 230Vac INTL 110 -240Vac ~50mA ~90mA 110 x 85 x 35mm o -0 to + 70 C o -55 to + 125 C Comments Philips high security Protocol Using standard Transponder card Data Accept / Reject LED Indication on Sensor and Control Unit Via 2 onboard Switches or PC control Interface Standard British Telecom BT47W/6 Changeover Contacts Programmable via onboard Switches or PC 2 wires only! Complete Configuration through PC is possible. Real time through RS232 With Screw fixings provided
UK Plug top Standard International IEC Input Quiescent Operating Relay
Technical specification: Transponder Card Features Card Type Material Size Specification ISO Hitag2 White PVC Comments Can be any Hitag2 card package May be Custom Silk Screened As standard credit card
DESCRIPTION RFID Proximity Access System with 10 Cards Spare RFID Card tag (Pack of 10)
PART No RFID231C-SYS RFCARDHITAG2
Should you require further assistance, please call; R. F. Solutions Ltd, Unit 21, Cliffe Ind Est, South St, Lewes, E Sussex, BN8 6JL. England. Tel +44 (0)1273 898 000. Fax +44 (0)1273 480 661. Email sales@rfsolutions.co.uk http://www.rfsolutions.co.uk RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate, however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
DS231_1 Mar 2000
(c)2000 REG No 277 4001, ENGLAND.
Page 2


▲Up To Search▲   

 
Price & Availability of RFCARDHITAG2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X